Part Number Hot Search : 
TDA9331H TA8136S 000MHZ X2BBD SBL870 MB91302A 0000T CZRW5229
Product Description
Full Text Search
 

To Download T6A20G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6.0A GLASS PASSIVATED RECTIFIER T6A05G - T6A100G
6.0A Glass Passivated Rectifier
Features
* * * * Low Forward Voltage Drop High Current Capability High Surge Current Capability High Reliability
T6
* High Temperature Soldering Guaranteed 260C/10 seconds /.375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: Molded Plastic Meets UL 94V-0 flammability rating Axial leads, solderable per MIL-STD-202E, Method 208C Cathode indicated by color band 0.06 ounce, 1.7grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Ta=60 C Peak Forward Surge Current (Note1) Operating Junction Temperature Range Storage Temperature Range T6A05G 50 35 50 T6A10G 100 70 100 T6A20G 200 140 200 T6A40G 400 280 400 6.0 T6A60G 600 420 600 T6A80G 800 560 800 T6A100G 1000 700 1000 Unit V V V A
VRRM VRMS VDC IO(AV) IFSM TJ TSTG
250 -55 to +150 -55 to +175
A C C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (661)-257-6060 (800)-TAITFA (800)-824-8329 (661)-257-6415
Rev. A/JJ 2007-06-15 Page 1 of 5
6.0A Glass Passivated Rectifier T6A05G - T6A100G
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Forward Voltage @ IF=6.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note2) Maximum Thermal Resistance (Note3) T6A05G T6A10G T6A20G T6A40G 1.1 T6A60G T6A80G T6A100G Unit V A uA pf
VF IR
CJ
TA=25 C TA=100 C
10.0 500 100
R-JA Note:
10
C/W
1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method) 2. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C. 3. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
IFSM Instantaneous Forward current (A) Fig.1- Forward Current Derating Curve Fig.2-Max. Non-Repetitive Forward Surge Current
IO(AV) Average Forward Current (A)
Ambient Temperature Ta (C)
Number of Cycles at 60Hz
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 2 of 5
6.0A Glass Passivated Rectifier T6A05G - T6A100G
Fig.3-Typical Instantaneous Forward Characteristics Fig.4- Typical Reverse Characteristics
VF Instantaneous Forward Voltage (V)
IR Instantaneous Reverse current (A)
IF Instantaneous Forward current (A)
Percentage of Peak Reverse Voltage (%)
Fig.5-Typical junction capacitance
CJ Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 3 of 5
6.0A Glass Passivated Rectifier T6A05G - T6A100G
Dimensions in inches (mm)
T6
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 4 of 5
6.0A Glass Passivated Rectifier T6A05G - T6A100G
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of T6A20G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X